PART |
Description |
Maker |
MCZ33991EG |
Gauge Driver Integrated Circuit
|
Freescale Semiconductor...
|
MC33991DW MC33991DWR2 MCZ33991EGR2 |
Gauge Driver Integrated Circuit
|
Freescale Semiconductor, Inc
|
CS3750 |
100mA Dual H-Bridge Air-Core Gauge Driver
|
Cherry Semiconductor Co... Cherry Semiconductor Corporation
|
BQ28Z560DRZR-R1 BQ28Z560DRZT-R1 |
<font color=red>[Old version datasheet]</font> Single Cell Li-Ion Battery Gas Gauge
|
TI store
|
IR2122S IR2122 |
CURRENT SENSING SINGLE CHANNEL DRIVER CURRENT LIMITING SINGLE CHANNEL DRIVER Single High Side Driver, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package Single High Side Driver, Current Sensing, Overcurent Fault Signal in a 8-lead SOIC package
|
IRF[International Rectifier]
|
TC4429 TC4420 |
The TC4420/4429 are 6A (peak),single output MOSFET drivers. The TC4429 is an inverting driver (pin-compatible with the TC429), while the TC4420 is a non-inverting driver. These drivers are fabricated in CMOS for lower power, more efficient IC,SINGLE MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
Microchip
|
NJU7333 NJU7333R |
Single-phase DC Brushless Motor Driver IC From old datasheet system Single-phaseDC Brushless Motor Driver IC 3-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 5-SC70 -40 to 85
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
IR2117S IR2118S IR2117PBF IR2118SPBF IR2117 IR2117 |
Single High Side Driver, Inverting Input in a 8-pin DIP package Single High Side Driver, Inverting Input in a 8-lead SOIC package Single High Side Driver, Noninverting Input in a 8-lead SOIC package Single channel driver
|
IRF[International Rectifier]
|
24LC02B 24LC02B-MT 24LC01B 24LC01B-MT 24LC02BMODUL |
1K/2KI2CSerialEEPROMsinISOMicromodules 2K IIC Serial EEPROM In ISO Micromodul(2K1M次擦写周ISO模块) Stand-Alone OCV-Based Fuel Gauge 1K/2K I 2 C Serial EEPROMs in ISO Micromodules 1K/2K的I 2 C⑩在ISO微型模块串行EEPROM Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers 1K/2K I 2 C ?Serial EEPROMs in ISO Micromodules
|
MicrochipTechnology Microchip Technology Inc. Microchip Technology, Inc.
|
NJU7328 NJU7328RB1 |
Wrist Strap Ground Cord, 5 ft. Coiled, 4 mm Snap End SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC From old datasheet system Single-phase DC Brushless Motor Driver IC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|